Part Number Hot Search : 
B1658 BT138 MA3D693 TMP47C WM2613 2AMPPJ4 A201EHI SI4012
Product Description
Full Text Search
 

To Download DTA114ECA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd type DTA114ECA features pnp epitaxial planar silicon transistor (resistor built-in typ.) built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). electrical characteristics ta = 25 parameter symbol testconditons min typ max unit v i(off) v cc =-5v,i o = -100 a -0.5 v i(on) v o = -0.3v , i o = -10ma -3 output voltage v o(on) i o /i i = -10ma/-0.5ma -0.3 v input current i i v i =-5v -0.88 ma output current i o(off) v cc = -50v , v i =0v -0.5 a dc current gain g i v o =-5v,i o =-5ma 30 input resistance r 1 71013 k resistance ratio r 2 /r 1 0.8 1 1.2 transistion frequency f t *v ce = -10v , i e = 5ma , f = 100mhz 250 mhz * characteristics of built-in transistor input voltage v marking marking 14 absolute maximum ratings ta = 25 parameter symbol rating unit supply voltage v cc -50 v input voltage v in -40to+10 v i o -50 i c(max) -100 power dissipation p d 200 mw junction temperature t j 150 storage temperature t stg -55to+150 output current ma product specification sales@twtysemi.com 1 of 3 http://www.twtysemi.com 4008-318-123
smd type electrical characteristics curves equivalent circuit DTA114ECA product specification sales@twtysemi.com 2of 3 http://www.twtysemi.com 4008-318-123
smd type DTA114ECA product specification sales@twtysemi.com 3of 3 http://www.twtysemi.com 4008-318-123


▲Up To Search▲   

 
Price & Availability of DTA114ECA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X